Part Number Hot Search : 
74ACQ657 2SC43 BY228 MIC2941A 29LV640 S08AW16A 2SD1682R 1N4763G
Product Description
Full Text Search
 

To Download MBR3050CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr3030ct thru mbr3060ct 30 a mp rectifier 3 0 to 6 0 v o lts features ? o pe r ating t e m pe r atu r e: - 5 5 c to +15 0 c ? sto r age t e m pe r atu r e: - 5 5 c to +1 75 c mcc part number ma x i m um r c u r r ent peak reverse voltage maximum rms voltage maximum dc blocking voltage mb r 3030 ct 3 0v 21 v 30 v mb r 3035 ct 35 v 24.5 v 35 v mb r 3040 ct 40v 28v 40v mb r 3045 ct 45 v 31.5 v 45 v mb r 30 5 0 ct 5 0v 35 v 5 0 v mbr30 6 0 ct 6 0v 42 v 6 0 v schottky barrier max i mum rat i n gs metal of silicon rectifier, majo ri ty carrier conducto n guard ring for transient protection low power loss high efficiency high surge capacity, high current capability  inches mm        a .560 . 625 14. 22 15. 88 b .380 . 420 9.6 5 10. 67 c . 100 . 135 2.54 3. 43 d . 230 . 270 5.84 6.86 e . 380 . 420 9.65 10.67 f ------ . 250 --- --- 6.35 g . 500 . 580 12.70 14.73 h . 090 . 110 2.29 2.79 i . 020 . 045 0.51 1.14 j . 012 . 025 0.30 0.64 k . 139 . 161 3.53 4.09 l . 140 . 190 3.56 4.83 m . 045 . 055 1.14 1. 40 n . 080 .115 2.03 2.92  pin 1 pin 3 pin 2 case a b c k j i h g f e d n m l h e lect r ical cha r acte r istics @ 2 5 c u nless o t he r w ise s p ecified average forward current i f(av) 30 a t c = 1 0 0 c peak f o r w a r d su r ge cu rr ent i fsm 2 0 0 a 8.3 m s , half s i ne ma x i m um in s tantaneous forward voltage m a x i m u m d c reverse current at rated dc blocking voltage i r 0.2 m a t j = 25 c typical junction capacitance c j mea s u r ed at 1.0mhz, v r =4.0v mbr30 3 0 ct -3045 ct mbr30 50ct-3060ct . 84 v . 95 v mbr3030ct-3045ct MBR3050CT-3060ct 400pf 450pf to-220ab mbr3030ct-3045ct MBR3050CT-3060ct .7 2 v .8 5 v pin 13 2 t j = 1 25 c i fm = 30 .0a; t j = 25 c v f www.kersemi.com
fig.2 - maximum non-repetitive surge current number of cycles at 60hz peak forward surge current, amperes 1 5 10 50 100 2 20 0 50 100 150 200 250 300 fig.1 - forward current derating curve average forward current amperes 25 75 100 125 150 10 0 50 40 175 percent of rated peak reverse voltage ,(%) fig.3 - typical reverse characteristics instantaneous reverse current ,(ma) 20 40 120 140 0.001 0.1 1.0 100 10 60 80 100 t j = 125 c 0.01 t j = 25 c 8.3ms single half-sine-wave (jedec method) 30 0 20 resistive or inductive load instantaneous forward voltage , volts fig.4 - typical forward characteristics instantaneous forward current ,(a) 0.2 0.3 0.7 0.8 1.0 10 100 0.4 0.5 0.6 0.1 1.0 0.9 instantaneous forward voltage , volts instantaneous forward current ,(a) 0.1 1.0 10 100 0.1 pulse width 300us 2% duty cycle t j = 25 c mbr3030ct ~ mbr3045ct MBR3050CT ~ mbr3060ct fig.5 - typical junction capacitance capacitance , (pf) reverse voltage , volts 10 1 100 10000 1000 100 0.1 case temperature , c 0 mbr3030ct ~ mbr3045ct mbr3030ct ~ mbr3045ct mbr3030ct ~ mbr3045ct mbr3030ct ~ mbr3045ct mbr3030ct ~ mbr3045ct mbr3030ct ~ mbr3045ct mbr3030ct ~ mbr3045ct mbr3030ct ~ mbr3045ct MBR3050CT ~ mbr3060ct mbr3030ct ~ mbr3045ct 4 t j = 25 c, f= 1mhz rating and characteristic curves mbr3030ct thru mbr3060ct www.kersemi.com


▲Up To Search▲   

 
Price & Availability of MBR3050CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X